Part Number Hot Search : 
2N381011 OSW5DK BCP869 AK4122VQ BSF68G72 Q3849 78L18 2W10G
Product Description
Full Text Search
 

To Download MC-201SD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Coil Components (SMD)
MC-200SC and MC-200SD Series
sFeatures
1.Excellent High Frequency Characteristics
Insertion loss: 0.6 dB TYP. Phase balance: 3deg TYP.
MC-201SC MC-212SC MC-217SC MC-218SC
2.Highly Reliable Design
PPS resin is used for the exterior cladding of the cover, glass epoxy substrate is used for the board material, and solder plating is used for the electrodes. All these factors contribute to excellent mechanical strength, heat resistance, and soldering qualities
MC-201SD
MC-211SD
MC-212SD
MC-213SD
3.Suited to Automatic Mounting
Embossed tape packaging permits automatic mounting. (Individual delivery can also be accommodated.)
sProduct Specifications
Ratings Frequency range (Note) Characteristic impedance (Note) Maximum Input Power Item 1.Vibration 2.Shock 3.Temperature cycle 4.Corrosion resistance
No serious corrosion No damage, cracks, or parts dislocation
30 to 370 MHz 50 ohms, 75 ohms 0.5 W Standard
Operating temperature range
Operating relative humidity
-10c to +65c
95% Max.
Note: The frequency range and the characteristic impedance will differ depending on the products.
Conditions
Frequency of 10 to 2000 Hz, overall amplitude of 1.52 mm, acceleration of 98 m/s2 for 4 hours in each of 3 directions Acceleration of 294 m/s2, sine half-wave waveform, 3 cycles in each of the 3 axis (-60 to 55c: 30 min. 20 to 35c: 15 min. 125 to 128c: 30 min. 20 to 35c: 15 min.) for 100 cycles Exposed to 5% salt water solution for 48 hours
qThe test method conforms to MIL-STD-202.
sMaterials
Part
Board Cover
sExternal Dimensions
Material
Glass epoxy PPS
Finish
Solder plating -----------
sOrdering Information
MC - 2 0 1 S C
1 2345
6
input
1 Series Name: MC 2 Number of Divisions
Indicated by number of divisions of output.
4 Suffix 5 Board Mounting Method
S : SMT type
3 Phase Difference
Indicated by phase difference of output. 0 : 0 1 : 90
6 Characteristic Impedance
C : 75 ohms D : 50 ohms
qThe contact numbers
are common for both the 0 type and the 90 type.
46
sSpecifications
Frequency Phase above 3dB Range Difference Insertion Loss (MHZ) (deg) (dB Max)
030~200 050~095 045~070 070~100 030~230 170~230 045~104 330~370 0 - 90 - 90 - 90 0 - 90 - 90 - 90 0.6 0.6 0.6 0.6 0.6 0.6 0.6 1.3
Part Number
Isolation (dB Min)
20 20 20 20 20 20 20 16
V.S.W.R. (Max)
1.3 1.2 1.2 1.2 1.3 1.2 1.2 1.4
Balance Phase (deg) 3 3 3 3 3 3 3 4 Amplitude (dB) 0.1 0.5 0.5 0.5 0.15 0.5 0.5 0.5
Impedance (ohms)
75 75 75 75 50 50 50 50
Weight (g)
1 1 1 1 1 1 1 1
MC-201SC MC-212SC MC-217SC MC-218SC MC-201SD MC-211SD MC-212SD MC-213SD
Note 1: The insertion loss of the 2-way 90 type is the average output of the 0 port and the -90 port minus 3 dB coupling. Note 2: When ordering items with embossed tape packaging, affix (06) to the end of the product number. One reel contains 500 pieces.
sFunction Diagram
sPCB Mounting Pattern
Pins 2, 3, 4, 5, and 6 are ground.
Pins 3, 4, 7, and 8 are ground.
qPlease apply resist processing to the area around the
electrode pads.
sPrecautions
1.Soldering (1)Recommended temperature profile
Preheating 40 to 120 s
Soldering 20 to 60 s
Slow cooling Natural cooling for 1 minute Min.
Note 1: Up to 2 cycles of reflow soldering are possible under the same conditions, provided that there is a return to normal temperature between the first and second cycle. Note 2: The temperature profile indicates the board surface temperature at the point of contacts with the connector terminals (for surface mounted receptacle). (2)Recommended manual soldering (3)Recommended screen thickness 2.Product Storage
Manual soldering: 260c for 10 seconds 0.15 mm
1After opening the package reseal promptly or store in a desiccator with a desiccant. 2Store in a place that is not exposed to harmful gases which include sulfur or chlorine, etc. 3Use within one year of delivery.
47
sTypical Data
MC-201SC MC-212SC MC-217SC
MC-218SC
MC-201SD
MC-211SD
MC-212SD
MC-213SD
48


▲Up To Search▲   

 
Price & Availability of MC-201SD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X